PART |
Description |
Maker |
MC68HC11E0MFN2 MC68HC11E20MFN2 MC68HC11E9FN3 MC68H |
(MC68HC711E Series) Microcontrollers Microcontrollers 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP52 Microcontrollers 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, EEPROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 Microcontrollers 8-BIT, UVPROM, 2 MHz, MICROCONTROLLER, CQCC52 Microcontrollers 8-BIT, 2 MHz, MICROCONTROLLER, PDIP56 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, UVPROM, 3 MHz, MICROCONTROLLER, CQCC52 POT 20K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 POT 2.0K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52 56 PF 2% 50V NPO (0805) CHIP CAP 8-channel, 8-bit analog-to-digital (A/D) converter
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
KLCS-47E KMP47C1660F KMP47C1660N KMP47C1237N KMP47 |
4-BIT MICROCONTROLLERS 4位微控制 (KMP47C1xx) 4-BIT MICROCONTROLLERS (KMP47C421 - KMP47C423) 4-BIT MICROCONTROLLERS
|
Korea Electronics (KEC) KEC Holdings KEC[KEC(Korea Electronics)] http://
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
MC68HC908GR8 M68MMPFB0508 M68MMDS0508 MC68HC908GR4 |
M68HC08 Microcontrollers EPS400 .700 BK 48 IN 5/BOX RoHS Compliant: Yes (MC68HC908GR4/8) Microcontrollers
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc Motorola, Inc. Freescale Semiconductor...
|
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
PIC18F8722 PIC18F6527 PIC18LF6627EPTQTP PIC18LF662 |
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
|
Microchip Technology, Inc.
|
PIC16F873A-I/SO PIC16F873A-I/SP PIC16F876A PIC16F8 |
28/40-pin Enhanced FLASH Microcontrollers 28/40-pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology Inc.
|
MB95108AM MB95108AMPFM MB95108AMPFV MB95F104AJS MB |
8-bit Proprietary Microcontrollers(8浣?井?у??? 8-bit Proprietary Microcontrollers 8-BIT, FLASH, 16.25 MHz, MICROCONTROLLER, PQFP64
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu, Ltd.
|
PD78F4225GC PD78F4225GK PD78215GF PD78215GC |
16 Bit General-Purpose Microcontrollers(16通用微控制器) 16 Bit General-Purpose Microcontrollers(16位通用微控制器) 16位通用微控制器16位通用微控制器
|
NEC Corp. NEC, Corp.
|
SAF-TC1130-L100EBBA SAF-TC1130-L150EBBA |
32-Bit Industrial &Communication Controller 32-Bit Microcontrollers - 100 MHZ, -40C/ 85c 32-Bit Microcontrollers - 150 MHZ, -40C/ 85c
|
Infineon
|